Part Number Hot Search : 
D74HC15 XJXXX ACTR550 RD01MUS 1E106 TCK104G T50N60 2L64164A
Product Description
Full Text Search
 

To Download SST4117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N/PN/SST4117A Series
N-Channel JFETs
2N4117A 2N4118A 2N4119A Product Summary
Part Number
4117 4118 4119
PN4117A PN4118A PN4119A
SST4117 SST4118 SST4119
VGS(off) (V)
-0.6 to -1.8 -1 to -3 -2 to -6
V(BR)GSS Min (V)
-40 -40 -40
gfs Min (mS)
70 80 100
IDSS Min (mA)
30 80 200
Features
D D D D Ultra-Low Leakage: 0.2 pA Very Low Current/Voltage Operation Ultrahigh Input Impedance Low Noise
Benefits
D Insignificant Signal Loss/Error Voltage with High-Impedance Source D Low Power Consumption (Battery) D Maximum Signal Output, Low Noise D High Sensitivity to Low-Level Signals
Applications
D High-Impedance Transducer Amplifiers D Smoke Detector Input D Infrared Detector Amplifier D Precision Test Equipment
Description
The 2N/PN/SST4117A series of n-channel JFETs provide ultra-high input impedance. These devices are specified with a 1-pA limit and typically operate at 0.2 pA. This makes them perfect choices for use as high-impedance sensitive front-end amplifiers. The hermetically sealed TO-206AF package allows full military processing per MIL-S-19500 (see Military Information). The TO-226A (TO-92) plastic package provides a low-cost option. The TO-236 (SOT-23) package provides surface-mount capability. Both the PN and SST series are available in tape-and-reel for automated assembly (see Packaging Information).
TO-206AF (TO-72)
TO-226AA (TO-92)
TO-236 (SOT-23)
S 1 4
C
D
1 D 1 3 S 2 G 2
S
2 D Top View 2N4117A 2N4118A 2N4119A
3 G
G
3 Top View PN4117A PN4118A PN4119A Top View SST4117 (T7)* SST4118 (T8)* SST4119 (T9)* *Marking Code for TO-236
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70239. Applications information may also be obtained via FaxBack, request document #70598.
Siliconix S-52424--Rev. E, 14-Apr-97
1
2N/PN/SST4117A Series
Absolute Maximum Ratings
Gate-Source/Gate-Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . -40V Forward Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA Storage Temperature : (2N Prefix) . . . . . . . . . . . . . . -65 to 175_C (PN, SST Prefix) . . . . . . . . . -55 to 150_C Lead Temperature (1/16" from case for 10 sec.) . . . . . . . . . . . . . . . 300_C Power Dissipation (case 25_C) : (2N Prefix)a . . . . . . . . . . . . . . . . . 300 mW (PN, SST Prefix)b . . . . . . . . . . . . 350 mW Notes a. Derate 2 mW/_C above 25_C b. Derate 2.8 mW/_C above 25_C
Operating Junction Temperature : (2N Prefix) . . . . . . . . . . . . . . -55 to 175_C (PN, SST Prefix) . . . . . . . . . -55 to 150_C
Specificationsa
Limits
4117 4118 4119
Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain Current
Symbol
Test Conditions
Typb
Min
Max
Min
Max
Min
Max
Unit
V(BR)GSS VGS(off) IDSS
IG = -1 mA , VDS = 0 V VDS = 10 V, ID = 1 nA VDS = 10 V, VGS = 0 V VGS = -20 V VDS = 0 V VGS = -20 V VDS = 0 V TA = 150_C 2N
-70
-40 -0.6 30 -1.8 90 -1
-40 -1 80 -3 240 -1
-40 V -2 200 -6 600 -1 mA pA
-0.2
-0.4 PN SST PN/SST -0.2 -0.2 -0.03 -0.2 0.2 0.7
-2.5 -1 -10 -2.5
-2.5 -1 -10 -2.5
-2.5 -1 -10 -2.5
nA
Gate R G t Reverse Current C t
IGSS
VGS = -10 V VDS = 0 V VGS = -10 V VDS = 0 V TA = 100_C
pA
nA
Gate Operating Currentc Drain Cutoff Currentc Gate-Source Forward Voltagec
IG ID(off) VGS(F)
VDG = 15 V, ID = 30 mA VDS = 10 V, VGS = -8 V IG = 1 mA , VDS = 0 V
pA V
Dynamic
Common-Source Forward Transconductance Common-Source Output Conductance Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Equivalent Input Noise Voltagec gfs gos Ci iss Crss en VDS = 10 V, VGS = 0 V S f = 1 kHz 2N/PN VDS = 10 V VGS = 0 V f = 1 MHz SST 2N/PN SST VDS = 10 V, VGS = 0 V f = 1 kHz 1.2 1.2 0.3 0.3 15 nV Hz NT 1.5 1.5 1.5 pF 70 210 3 3 80 250 5 3 100 330 mS 10 3
Notes a. TA = 25_C unless otherwise noted. b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. c. This parameter not registered with JEDEC.
2
Siliconix S-52424--Rev. E, 14-Apr-97
2N/PN/SST4117A Series
Typical Characteristics
1000 I DSS - Saturation Drain Current (mA)
Drain Current and Transconductance vs. Gate-Source Cutoff Voltage
IDSS @ VDS = 10 V, VGS = 0 V gfs @ VDS = 10 V, VGS = 0 V f = 1 kHz
300 g fs - Forward Transconductance ( m S)
1 nA
Gate Leakage Current
100 mA TA = 125_C
800
240
100 pA I G - Gate Leakage
10 mA
IGSS @ 125_C 100 mA 10 mA
600 gfs 400 IDSS 200
180
10 pA
120
60
1 pA TA = 25_C 0.1 pA 0 6
IGSS @ 25_C
0 0 -1 -2 -3 -4 -5 VGS(off) - Gate-Source Cutoff Voltage (V)
0
12
18
24
30
VDG - Drain-Gate Voltage (V)
15 rDS(on) - Drain-Source On-Resistance (k W )
On-Resistance and Output Conductance vs. Gate-Source Cutoff Voltage
gos
5 g fs - Forward Transconductance ( m S)
200
Common-Source Forward Transconductance vs. Drain Current
VGS(off) = 2.5 V
g os - Output Conductance ( mS)
12 rDS 9
4
160 TA = -55_C 120 125_C 80 25_C
3
6
2
3
rDS @ ID = 10 mA, VGS = 0 V gos @ VDS = 10 V, VGS = 0 V f = 1 kHz 0 -1 -2 -3 -4 -5
1
40
VDS = 10 V f = 1 kHz 0.01 0.1 ID - Drain Current (mA) 1
0 VGS(off) - Gate-Source Cutoff Voltage (V)
0
0
Output Characteristics
100 VGS(off) = -0.7 V 80 I D - Drain Current ( m A) VGS = 0 V -0.1 V -0.2 V 40 -0.3 V -0.4 V 20 -0.5 V 400 I D - Drain Current ( m A) 500
Output Characteristics
VGS(off) = -2.5 V
VGS = 0 V 300 -0.5 V 200 -1.0 V 100 -1.5 V -2.0 V
60
0 0 4 8 12 16 20 VDS - Drain-Source Voltage (V)
0 0 4 8 12 16 20 VDS - Drain-Source Voltage (V)
Siliconix S-52424--Rev. E, 14-Apr-97
3
2N/PN/SST4117A Series
Typical Characteristics (Cont'd)
100
Transfer Characteristics
g fs - Forward Transconductance ( m S) VGS(off) = -0.7 V VDS = 10 V
200
Transconductance vs. Gate-Source Voltage
VGS(off) = -0.7 V VDS = 10 V f = 1 kHz
80 I D - Drain Current ( m A)
160 TA = -55_C 25_C 120
60 TA = 125_C 40 25_C
80
125_C
20 -55_C 0 0 -0.2 -0.4 -0.6 -0.8 -1.0 VGS - Gate-Source Voltage (V)
40
0 0 -0.2 -0.4 -0.6 -0.8 -1.0 VGS - Gate-Source Voltage (V)
500
Transfer Characteristics
g fs - Forward Transconductance ( m S) VGS(off) = -2.5 V VDS = 10 V
300
Transconductance vs. Gate-Source Voltage
VGS(off) = -2.5 V VDS = 10 V f = 1 kHz
400 I D - Drain Current ( m A) TA = -55_C 25_C 200
240 TA = -55_C 180 25_C
300
120 125_C 60
100
125_C
0 0 -1 -2 -3 -4 -5 VGS - Gate-Source Voltage (V)
0 0 -1 -2 -3 -4 -5 VGS - Gate-Source Voltage (V)
Circuit Voltage Gain vs. Drain Current
100 AV + 1 ) R g L os A V - Voltage Gain Assume VDD = 15 V, VDS = 5 V R L + 10 V ID C iss - Input Capacitance (pF) 80 1.6 g fs R L 2.0
Common-Source Input Capacitance vs. Gate-Source Voltage
f = 1 MHz
60
1.2
VDS = 0 V 10 V
40
VGS(off) = -0.7 V
0.8
20 -2.5 V 0 0.01 0.1 ID - Drain Current (mA) 1
0.4
0 0 -4 -8 -12 -16 -20 VGS - Gate-Source Voltage (V)
4
Siliconix S-52424--Rev. E, 14-Apr-97
2N/PN/SST4117A Series
Typical Characteristics (Cont'd)
0.5 C rss - Reverse Feedback Capacitance (pF)
Common-Source Reverse Feedback Capacitance vs. Gate-Source Voltage
f = 1 MHz
Equivalent Input Noise Voltage vs. Frequency
200 VDS = 10 V
0.4
(nV / Hz)
160
0.3
0.2
e n - Noise Voltage
VDS = 0 V
120
ID = 10 mA
10 V
80 VGS = 0 V
0.1
40
0 0 -4 -8 -12 -16 -20 VGS - Gate-Source Voltage (V)
0 10 100 1k f - Frequency (Hz) 10 k 100 k
2
Output Conductance vs. Drain Current
20 VGS(off) = -2.5 V rDS(on) - Drain-Source On-Resistance (k W )
On-Resistance vs. Drain Current
VGS(off) = -0.7 V 16
g os - Output Conductance ( mS)
TA = -55_C
12
1 125_C
25_C
8 -2.5 V 4 TA = 25_C 0 0.01 0.1 ID - Drain Current (mA) 1
VDS = 10 V f = 1 kHz
0 0.01 0.1 ID - Drain Current (mA) 1
Siliconix S-52424--Rev. E, 14-Apr-97
5


▲Up To Search▲   

 
Price & Availability of SST4117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X